Part Number Hot Search : 
CO55C DF10S Q7015R9 30150 MB90F347 CXK5416P SFH495P LP295
Product Description
Full Text Search
 

To Download 30SMCJ100C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  3.0smcj11c - 220c a surface mount transient voltage suppressor stand-off voltage : 11 to 220v peak pulse power : 3000 w features : * 3000w peak pulse power capability with a 10/1000s waveform * excellent clamping capability * low inductance * high temperature soldering : 250 c/10 seconds at terminals. * built-in stran relief * pb / rohs free mechanical dat a * case : smc molded plastic * epoxy : ul94v-o rate flame retardant * lead : lead formed for surface mount * mounting position : any * weight : 0.21 gram devices for unipolar application s for uni-directional without "c" electrical characteristics apply in both directions maximum ratings rating at 25 c ambient temperature unless otherwise specified. rating symbol value unit peak pulse power dissipation on 10/1000 s waveform (1) (2) p ppm 3000 w peak pulse current on 10/1000 s waveform (1) i ppm see next table a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (2)(3) operating junction and storage temperature range t j , t stg - 55 to + 150 c notes : (1) non-repetitive current pulse, per fig. 3 and derated above ta = 25 c per fig. 1 (2) mounted on 5.0 mm2 (0.013 thick) land areas. (3) measured on 8.3 ms , single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minutes maximum. page 1 of 4 rev. 04 : june 10, 2006 i fsm 200 a smc (do-214ab) dimensions in inches and (millimeter) 0.305(7.75) 0.320(8.13) 0.245(6.22) 0.121(3.07) 0.115(2.92) 0.220(5.59) 0.012(0.305) 0.103(2.62) 0.280(7.11) 0.060(1.52) 0.260(6.60) 0.079(2.00) 0.006(0.152) 0.030(0.76) 0.008(0.203) 0.004(0.102) certificate th97/10561qm certificate tw00/17276em
electrical characteristics rating at 25 c ambient temperature unless otherwise specified working peak maximum maximum maximum breakdown volta g e @ t (1) reverse reverse clamping peak pulse marking voltage leakage voltage @ i ppm surge current code @ v wm v br (v) i t v rwm i r v c i ppm min. max. (ma) (v) (a) (v) (a) 3.0smcj11c 3013 12.2 15.4 1.0 11 1000 20.1 149.2 3.0smcj11ca 3513 12.2 14.0 1.0 11 1000 18.2 184.8 3.0smcj12c 3014 13.3 16.9 1.0 12 1000 22.0 136.4 3.0smcj12ca 3514 13.3 15.3 1.0 12 1000 19.9 150.6 3.0smcj13c 3015 14.4 18.2 1.0 13 500 23.8 126.0 3.0smcj13ca 3515 14.4 16.5 1.0 13 500 21.5 139.4 3.0smcj14c 3016 15.6 19.8 1.0 14 200 25.8 116.2 3.0smcj14ca 3516 15.6 17.9 1.0 14 200 23.2 129.4 3.0smcj15c 3018 16.7 21.1 1.0 15 100 26.9 111.6 3.0smcj15ca 3518 16.7 19.2 1.0 15 100 24.4 123.0 3.0smcj16c 3019 17.8 22.6 1.0 16 50 28.8 104.2 3.0smcj16ca 3519 17.8 20.5 1.0 16 50 26.0 115.4 3.0smcj17c 3020 18.9 23.9 1.0 17 20 30.5 98.4 3.0smcj17ca 3520 18.9 21.7 1.0 17 20 27.6 106.6 3.0smcj18c 3021 20.0 25.3 1.0 18 10 32.2 93.2 3.0smcj18ca 3521 20.0 23.3 1.0 18 10 29.2 102.8 3.0smcj20c 3023 22.2 28.1 1.0 20 10 35.8 83.8 3.0smcj20ca 3523 22.2 25.5 1.0 20 10 32.4 92.6 3.0smcj22c 3026 24.4 30.9 1.0 22 5 39.4 76.2 3.0smcj22ca 3526 24.4 28.0 1.0 22 5 35.5 84.4 3.0smcj24c 3028 26.7 33.8 1.0 24 5 43.0 69.8 3.0smcj24ca 3528 26.7 30.7 1.0 24 5 38.9 77.2 3.0smcj26c 3030 28.9 36.6 1.0 26 5 46.6 64.4 3.0smcj26ca 3530 28.9 33.2 1.0 26 5 42.1 71.2 3.0smcj28c 3033 31.1 39.4 1.0 28 5 50.0 60.0 3.0smcj28ca 3533 31.1 35.8 1.0 28 5 45.4 66.0 3.0smcj30c 3035 33.3 42.2 1.0 30 5 53.5 56.0 3.0smcj30ca 3535 33.3 38.3 1.0 30 5 48.4 62.0 3.0smcj33c 3039 36.7 46.5 1.0 33 5 59.0 50.4 3.0smcj33ca 3539 36.7 42.2 1.0 33 5 53.3 56.2 3.0smcj36c 3042 40.0 50.7 1.0 36 5 64.3 46.6 3.0smcj36ca 3542 40.0 46.0 1.0 36 5 58.1 51.6 3.0smcj40c 3047 44.4 56.3 1.0 40 5 71.4 42.0 3.0smcj40ca 3547 44.4 51.1 1.0 40 5 64.5 46.4 3.0smcj43c 3050 47.8 60.5 1.0 43 5 76.7 39.2 3.0smcj43ca 3550 47.8 54.9 1.0 43 5 69.4 43.2 3.0smcj45c 3053 50.0 63.3 1.0 45 5 80.3 37.4 3.0smcj45ca 3553 50.0 57.5 1.0 45 5 72.7 41.2 3.0smcj48c 3056 53.3 67.5 1.0 48 5 85.5 35.0 3.0smcj48ca 3556 53.3 61.3 1.0 48 5 77.4 38.8 3.0smcj51c 3060 56.7 71.8 1.0 51 5 91.1 37.0 3.0smcj51ca 3560 56.7 65.2 1.0 51 5 82.4 36.4 3.0smcj54c 3063 60.0 76.0 1.0 54 5 96.3 31.2 3.0smcj54ca 3563 60.0 69.0 1.0 54 5 87.1 34.4 3.0smcj58c 3068 64.4 81.6 1.0 58 5 103 39.2 3.0smcj58ca 3568 64.4 74.1 1.0 58 5 93.6 32.0 page 2 of 4 rev. 04 : june 10, 2006 type certificate th97/10561qm certificate tw00/17276em
electrical characteristics rating at 25 c ambient temperature unless otherwise specified working peak maximum maximum maximum breakdown volta g e @ t (1) reverse reverse clamping peak pulse marking voltage leakage voltage @ i ppm surge current code @ v wm v br (v) i t v rwm i r v c i ppm min. max. (ma) (v) (a) (v) (a) type 3.0smcj60c 3071 66.7 84.5 1.0 60 5 107 28.0 3.0smcj60ca 3571 66.7 76.7 1.0 60 5 96 31.0 3.0smcj64c 3075 71.1 90.1 1.0 64 5 114 26.4 3.0smcj64ca 3575 71.1 81.8 1.0 64 5 103 29.2 3.0smcj70c 3082 77.8 98.6 1.0 70 5 125 24.0 3.0smcj70ca 3582 77.8 89.5 1.0 70 5 113 26.6 3.0smcj75c 3088 83.3 105.7 1.0 75 5 134 22.4 3.0smcj75ca 3588 83.3 95.8 1.0 75 5 121 24.8 3.0smcj78c 3091 86.7 109.8 1.0 78 5 139 21.6 3.0smcj78ca 3591 86.7 99.7 1.0 78 5 126 22.8 3.0smcj85c 3099 94.4 119.2 1.0 85 5 151 19.8 3.0smcj85ca 3599 94.4 108.2 1.0 85 5 137 20.8 3.0smcj90c 30b1 100 126.5 1.0 90 5 160 18.8 3.0smcj90ca 35b1 100 115.5 1.0 90 5 146 20.6 3.0smcj100c 30b2 111 141.0 1.0 100 5 179 16.6 3.0smcj100ca 35b2 111 128.0 1.0 100 5 162 18.6 3.0smcj110c 30b3 122 154.5 1.0 110 5 196 15.4 3.0smcj110ca 35b3 122 140.5 1.0 110 5 177 16.8 3.0smcj120c 30b4 133 169.0 1.0 120 5 214 14.0 3.0smcj120ca 35b4 133 153.0 1.0 120 5 193 15.6 3.0smcj130c 30b5 144 182.5 1.0 130 5 231 13.0 3.0smcj130ca 35b5 144 165.5 1.0 130 5 209 14.4 3.0smcj150c 30b8 167 211.5 1.0 150 5 268 11.2 3.0smcj150ca 35b8 167 192.5 1.0 150 5 243 12.4 3.0smcj160c 30b9 178 226.0 1.0 160 5 287 10.4 3.0smcj160ca 35b9 178 205.0 1.0 160 5 259 11.6 3.0smcj170c 30d0 189 239.5 1.0 170 5 304 9.8 3.0smcj170ca 35d0 189 217.5 1.0 170 5 275 11.0 3.0smcj180c 30d1 198 253.8 1.0 180 5 322 9.3 3.0smcj180ca 35d1 198 230.4 1.0 180 5 292 10.3 3.0smcj190c 30d2 209 267.9 1.0 190 5 340 8.8 3.0smcj190ca 35d2 209 243.2 1.0 190 5 308 9.7 3.0smcj200c 30d3 220 282.0 1.0 200 5 358 8.4 3.0smcj200ca 35d3 220 256.0 1.0 200 5 324 9.3 3.0smcj210c 30d4 231 296.1 1.0 210 5 376 7.8 3.0smcj210ca 35d4 231 268.8 1.0 210 5 340 8.8 3.0smcj220c 30d5 242 310.2 1.0 220 5 394 7.6 3.0smcj220ca 35d5 242 281.6 1.0 220 5 356 8.4 note: (1) pulse test : tp 50ms. page 3 of 4 rev. 04 : june 10, 2006 certificate th97/10561qm certificate tw00/17276em
fig.1 - pulse derating curve fig.2 - typical junction capacitance 0 25 50 75 100 125 150 175 ta, ambient temperature, ( c) fig.3 - pulse waveform fig.4 - peak pulse power rating curve pa g e 4 of 4 rev. 04 : june 10 , 2006 rating and characteristic curves ( 3.0smcj11c - 220ca ) 80 60 40 20 120 100 10 0 0.1 1.0 td, pulse width ( s) p ppm ,peak power (kw) 100 0.1 1.0 10 100 10ms 1ms i ppm , peak pulse current, % peak pulse power or current derating in percentage t, time(ms) 50 100 0 tr = 10 s peak value i ppm half value - i ppm 2 td 0 1.0 2.0 3.0 4.0 ta=25 c pulse width (td) is defined as that point where the peak current decays to 50% of i ppm v rwm , reverse stand-off voltage, (v) 10/1000 s. waveform as defined by r.e.a. 10 4 10 2 10 3 10 10 100 5 500 c j , capacitance, pf measured at stand-off voltage voltage v wm t j = 25 c f = 1.0 mhz vsig = 50 mv p-p measured at zero bias certificate th97/10561qm certificate tw00/17276em


▲Up To Search▲   

 
Price & Availability of 30SMCJ100C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X